Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 12Page - STMicroelectronics STMPE2401 Datasheet HTML 13Page - STMicroelectronics STMPE2401 Datasheet HTML 14Page - STMicroelectronics STMPE2401 Datasheet HTML 15Page - STMicroelectronics STMPE2401 Datasheet HTML 16Page - STMicroelectronics STMPE2401 Datasheet HTML 17Page - STMicroelectronics STMPE2401 Datasheet HTML 18Page - STMicroelectronics STMPE2401 Datasheet HTML 19Page - STMicroelectronics STMPE2401 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
I2C Interface
STMPE2401
16/55
6.7
Operation modes
Figure 3.
Master/slave operation modes
Table 13. Operating modes
Mode Bytes
Programming sequence
Read
≥1
START, Device Address, R/W = 0, Register Address to be read
RESTART, Device Address, R/W = 1, Data Read, STOP
If no STOP is issued, the Data Read can be continuously preformed. If the register
address falls within the range that allows address auto-increment, then register
address auto-increments internally after every byte of data being read. For register
address that falls within a non-incremental address range, the address will be kept
static throughout the entire read operations. Refer to the Memory Map table for the
address ranges that are auto and non-increment. An example of such a non-
increment address is FIFO.
Write
≥1
START, Device Address, R/W=0, Register Address to be written, Data Write, STOP
If no STOP is issued, the Data Write can be continuously performed. If the register
address falls within the range that allows address auto-increment, then register
address auto-increments internally after every byte of data being written in. For
register address that falls within a non-incremental address range, the address will
be kept static throughout the entire write operations. Refer to the Memory Map table
for the address ranges that are auto and non-increment. An example of a non-
increment address is Data Port for initializing the PWM commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com