Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 33Page - STMicroelectronics STMPE2401 Datasheet HTML 34Page - STMicroelectronics STMPE2401 Datasheet HTML 35Page - STMicroelectronics STMPE2401 Datasheet HTML 36Page - STMicroelectronics STMPE2401 Datasheet HTML 37Page - STMicroelectronics STMPE2401 Datasheet HTML 38Page - STMicroelectronics STMPE2401 Datasheet HTML 39Page - STMicroelectronics STMPE2401 Datasheet HTML 40Page - STMicroelectronics STMPE2401 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
STMPE2401
PWM commands
37/55
12
PWM commands
The STMPE2401 PWM Controller works as a simple MCU, with program space of 64
instructions and a simple instruction set. The instructions are all 16 bits in length. The 3
most significant bits are used to identify the commands.
Table 34. PWM commands
Instruction
Description
RAMP
This instruction starts the PWM counters and set the pwm_x_out with the
result from the counting.
Set Maximum
(SMAX)
Load the PWM counter with the value of 0xff and the pwm_x_out will result in
logic level low.
Set Minimum (SMIN) Load the PWM counter with the value of 0x0 and the pwm_x_out will result in
logic level high.
Go to Start (GTS)
Branch to the address 0x0 and execute from 0x0 and onwards.
BRANCH
Branch to a relative or an absolute address to execute with the looping
capability. There are 4 loop counters available and these allow 4 nested
loops.
END
End the instruction execution by resetting and interrupting to the host.
Trigger (TRIG)
Capable of waiting as well as sending triggers to another PWM channel.
Table 35. Identification of instructions
Instruction
Bit 15
Bit 14
Bit 13
Ramp
0-
-
SetFullScale
0-
-
SetMinimum
0-
-
GoToStart
0-
-
Branch
101
End
110
Trigger
111
Reserved
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com