Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 11Page - STMicroelectronics STMPE2401 Datasheet HTML 12Page - STMicroelectronics STMPE2401 Datasheet HTML 13Page - STMicroelectronics STMPE2401 Datasheet HTML 14Page - STMicroelectronics STMPE2401 Datasheet HTML 15Page - STMicroelectronics STMPE2401 Datasheet HTML 16Page - STMicroelectronics STMPE2401 Datasheet HTML 17Page - STMicroelectronics STMPE2401 Datasheet HTML 18Page - STMicroelectronics STMPE2401 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
STMPE2401
I2C Interface
15/55
6.4
Data input
The device samples the data input on SDATA on the rising edge of the SCLK. The SDATA
signal must be stable during the rising edge of SCLK and the SDATA signal must change
only when SCLK is driven low.
6.5
Slave device address
The slave device address is a 7 address, where the least significant 2-bit are programmable.
These 2-bit values will be loaded in once upon reset and after that these 2 pins no longer be
needed with the exception during General Call. Up to 4 STMPE2401 devices can be
connected on a single I2C bus.
6.6
Memory addressing
For the bus master to communicate to the slave device, the bus master must initiate a Start
condition and followed by the slave device address. Accompanying the slave device
address, there is a Read/Write bit (R/W). The bit is set to 1 for Read and 0 for Write
operation.
If a match occurs on the slave device address, the corresponding device gives an
acknowledgement on the SDA during the 9th bit time. If there is no match, it deselects itself
from the bus by not responding to the transaction.
Table 12. Slave device address
ADDR 1
ADDR 0
Address
0
0
0x84
0
1
0x86
1
0
0x88
11
0x8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com