Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 34Page - STMicroelectronics STMPE2401 Datasheet HTML 35Page - STMicroelectronics STMPE2401 Datasheet HTML 36Page - STMicroelectronics STMPE2401 Datasheet HTML 37Page - STMicroelectronics STMPE2401 Datasheet HTML 38Page - STMicroelectronics STMPE2401 Datasheet HTML 39Page - STMicroelectronics STMPE2401 Datasheet HTML 40Page - STMicroelectronics STMPE2401 Datasheet HTML 41Page - STMicroelectronics STMPE2401 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
PWM commands
STMPE2401
38/55
Table 36. Instruction
Instruction
Bit
Timing in 2kHz
15
14
13
12
11
10
9
8
7
6
5
4321
0
RAMP
0
Prescale
0=16
1=512
Step Time
0 - 63
0 = immediate action
Sign
0=step-
up
1=step-
down
Increment
1 – 126
Increment value
of 0 is not
allowed.
prescale = 16 :-
Consumes
[(step
time)(1)(increme
nt)] cycles
prescale = 512 :-
Consumes
[(32)(1) (step
time)(1)(increme
nt)] cycles
SMAX
0
x(2)
0
0
127
Consumes 1
cycle
SMIN
0
x(2)
0
1
127
Consumes 1
cycle
GTS
0
0
0
0
0
Consumes 1
cycle
BRANCH
1
01
Loop Counter to
use
0 - 3
Loop Count
0 – 15
0 = forever
loop
0=absol
ute step
size
1=relativ
e step
size(1)
Step Size
0 – 63(1)
Consumes 1
cycle
Once the loop
count has been
reached, the
loop counter
resets.
END
1
10
Interr
upt to
host
Reset
instructi
on
counter
and
output
level to
zero
RESERVED
Consumes 1
cycle
TRIG
1
11
Wait for Trigger
on channel 0 – 2
Continues if all selected triggers
present.
Each bit signifies wait for the
corresponding channel.
Send Trigger
on channel 0 – 2
Continues if no Wait
for Trigger in this
instruction.
x
(2)
Consumes 1 or
more cycles
reserved
1
00
RESERVED
Reserved.
1.
Absolute Branch jumps to the absolute address (relative to address 0x0) using the value of step size. The Relative Branch
jumps in a backward manner relative to the current address location, ie. 1 means jump to the previous instruction location
and 0 means NOP.
2.
Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com