Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 45Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 46Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 51Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 52Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 552 page
background image
Chapter 1 Overview and Features
1-3
(2) Direct Memory Access Controllers (DMAC)
The TX4937 has two DMA Controllers for invoking DMA transfer with memory and I/O
devices. Each DMA Controller has 4 built-in DMA Channels.
•
Can set internal/external DMA requests
•
Supports as internal DMA requests DMA with the on-chip Serial I/O Controller or AC-link
Controller
•
Supports as external I/O DMA transfer modes using external DMA requests Single Address
transfer (Fly-by DMA) and Dual Address transfer
•
Supports transfer between external devices with a data bus width of 32 bits, 16 bits or 8 bits
and memory
•
Supports memory-memory copy mode that has no address boundary constraints
Can perform Burst transfer of up to 8 double words in a single read or write operation
•
Supports the Memory Fill mode that writes double-word data to the memory region
•
Supports Chain DMA transfer
(3) SDRAM Controller (SDRAMC)
The SDRAM Controller generates the control signals required for the SDRAM interface. By
having 4 on-chip channels and supporting a variety of memory configurations, the SDRAM
Controller can support memory sizes of up to 4 GB (1 GB/channel).
•
Memory clock (SDCLK) frequencies from 50 MHz to 133 MHz (For relationship between
CPU clock and memory clock, see Section 6.1)
•
4 sets of independent memory channels
•
Supports 2-bank or 4-bank 16 MB, 64 MB, 128 MB, 256 MB, or 512 MB SDRAM
•
Can used Registered DIMM
•
Supports ECC or parity generation/check functions
•
Can select either 32-bit or 64-bit data bus width for each channel
•
Can set SDRAM timing for each channel
•
Supports TX49/H3 core critical word first access
•
Low power consumption mode: can select Self-refresh or Pre-charge power down
(4) PCI Controller (PCIC)
The TX4937 has an on-chip PCI Controller that is compliant with PCI Local Bus Specification
Revision 2.2.
•
PCI Local Bus Specification Revision 2.2 compliant
•
32-bit PCI interface with maximum PCI Bus clock frequency of 66 MHz
•
Supports both the Target and Initiator functions
•
Can change the address mapping between the internal bus and PCI Bus
•
Has an on-chip PCI Bus arbiter and can connect up to 4 External Bus Masters
•
Has a function mounted for booting the TX4937 from memory on the PCI Bus
•
Has an on-chip 1-channel PCI Controller-dedicated DMA Controller (PDMAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com