Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 100Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 552 page
background image
Chapter 6 Clocks
6-3
Table 6.1.1 TX4937 Clock Signals (2/2)
Clock
Input/Output
Description
Related
Configuration Signals
(Refer to Section
3.2.)
Related Registers
(Refer to Chapters 5
and 10.)
PCICLK[5:0]
Output
Clock supplied to devices on the PCI bus.
The PCICLKEN bit of the PCFG register can
disable the output of PCICLK.
The frequency depends on boot configuration
signals ADDR[11:10] or the PCIDIVMODE field of
the CCFG register.
Initial Value of PCIDIVMODE[0] is 0.
CCFG_PCIDIVMODE[2:0]
=001: CPUCLK divided by 4
=011: CPUCLK divided by 4.5
=101: CPUCLK divided by 5
=111: CPUCLK divided by 5.5
=000: CPUCLK divided by 8
=010: CPUCLK divided by 9
=100: CPUCLK divided by 10
=110: CPUCLK divided by 11
Note: PCICLK[5:0] can supply clock pulses at 66
or 33 MHz when the CPUCLK frequency is
set to 300.
The setting is: 011, 010
ADDR[11:10]
CCFG.PCIDIVMODE
PCFG.PCICLKEN[5:0]
PCICLKIN
Input
PCI bus clock. The built-in PCI controller of the
TX4937 operates with this clock.
Note: To achieve an accurate phase match with
the external clock, PCICLK[5:0] or the PCI
clock output from another PCI device must
be supplied to PCICLKIN.
⎯
⎯
PCICLKO
Internal signal Clock supplied to the PCI controller. PCICLKO is
generated by PLL2 based on PCICLKIN.
PCICLKO has the same frequency and phase as
those of PCICLKIN (input pin).
⎯
⎯
EEPROM_SK Output
Clock for serial EEPROM used to initially set the
PIC configuration.
⎯
⎯
SCLK
Input
Input clock for SIO. SCLK is shared by SIO0 and
SIO1.
⎯
⎯
TCLK
Input
Input clock for timers. TCLK is shared by TMR0,
TMR1, and TMR2.
⎯
⎯
BITCLK
Input
Input clock for the AC-link controller.
The pin is shared with the PIO[2] signal.
ADDR[9]
⎯
TCK
Input
Input clock for JTAG.
⎯
⎯
DCLK
Output
Clock output for the real-time debugging system.
⎯
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com