Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 552 page
background image
Chapter 3 Signals
3-9
3.1.13 Initialization Signal
Table 3.1.13 Initialization Signal
Signal Name
Type
Description
Initial State
RESET*
Input
Reset
Reset signal.
Input
3.1.14 Test Signals
Table 3.1.14 Test Signals
Signal Name
Type
Description
Initial State
TEST[4:0]*
Input
PU
Test Mode Setting
Test pins. These pins must be left open or fixed to High.
TEST[1]* may be used when debugging the system. Toshiba recommends that your
board design enable the pin to be driven low after the TX4937 is mounted on the PC
board. Contact Toshiba technical staff for more information on the TEST[1]* functions.
Input
3.1.15 Power Supply Pins
Table 3.1.15 Power Supply Pins
Signal Name
Type
Description
Initial State
PLL1VDD_A,
PLL2VDD_A
⎯
PLL Power Pins
PLL analog power supply pins.
PLL1VDD_A = 1.5 V. PLL2VDD_A = 1.5 V.
⎯
PLL1VSS_A,
PLL2VSS_A
⎯
PLL Ground Pins
PLL analog ground pins.
PLL1VSS_A = 0 V. PLL2VSS_A = 0 V.
⎯
VccInt
⎯
Internal Power Pins
Digital power supply pins for internal logic. VccInt = 1.5 V.
⎯
VccIO
⎯
I/O Power Pins
Digital power supply pins for input/output pins. VccIO = 3.3 V.
⎯
Vss
⎯
Ground Pins
Digital ground pins. Vss = 0 V.
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com