Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 83 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 83 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 84Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 85Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 86Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 87Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 552 page
background image
Chapter 5 Configuration Registers
5-3
5.2.1
Chip Configuration Register (CCFG)
0xE000
For the bit fields whose initial values are set by boot configuration (refer to Section 3.2), the initial
input signal level and the corresponding register value are indicated.
63
48
Reserved
: Type
: Initial value
47
42
41
40
39
32
Reserved
WDRST WDREXEN
BCFG
R/W1C R/W
R
: Type
0
0
DATA[15:8]
: Initial value
31
27
26
25
24
23
22
21
20
17
16
Reserved
GTOT
TINTDIS
PCI66 PCIMODE PCI1-66
DIVMODE
BEOW
R/W
R
R/W
R
R/W
R
R/W1C : Type
11
~DATA[7]
0
ADDR[19]
0
ADDR[3:0]
0
: Initial value
15
14
13
12
10
9
8
7
6
5
3
2
1
0
WR
TOE PCIARB
PCIDIVMODE
Reserved
SYSSP
Reserved
ENDIAN ARMODE ACEHOLD
R/W
R/W
R
R/W
R/W
R
R
R/W
R/W : Type
0
0
DATA[2]
ADDR[11:10]
0
ADDR[14:13]
ADDR[12]
0
1
: Initial value
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
63:42
⎯
Reserved
⎯
⎯
⎯
41
WDRST
Watchdog
Reset Status
Watch Dog Reset Status (Initial Value 0, RW1C)
Indicates that a watchdog reset has occurred (refer to Section
12.3.6).
Initialized when CGRESET* is asserted.
0
= No watchdog reset has occurred.
1
= A watchdog reset has occurred
0
R/W1C
40
WDREXEN
Watchdog
Reset External
Output
Watch Dog Reset External Enable (Initial Value 0, R/W)
Specifies whether to assert the WDRST* signal at a watchdog
reset (refer to Section 12.3.6).
Initialized when CGRESET* is asserted.
0
= Do not assert the WDRST* signal.
1
= Assert the WDRST* signal.
0
R/W
39:32
BCFG
Boot
Configuration
Set to 1 at a reset if the corresponding DATA[15:8] signal is
high.
Set to 0 at a reset if the corresponding DATA[15:8] signal is
low.
DATA[15:8]
R
31:27
⎯
Reserved
⎯
⎯
⎯
26:25
GTOT
G-Bus Timeout
Time
Specifies the number of G-Bus clock (GBUSCLK) cycles after
which a bus timeout error will occur on the internal bus (G-
Bus) of the TX4937.
11
= 4096 GBUSCLK
10
= 2048 GBUSCLK
01
= 1024 GBUSCLK
00
= 512 GBUSCLK
11
R/W
24
TINTDIS
Disable
TX49/H3 Core
Timer Interrupt
Indicates a value for indicating whether to enable the
TX49/H3 internal timer interrupt (refer to Section 15.3.5).
H: 0: The TX49/H3 internal timer interrupt is enabled.
L: 1: The TX49/H3 internal timer interrupt is disabled.
~DATA[7]
R
Figure 5.2.1 Chip Configuration Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com