Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 67 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 67 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 71Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 552 page
background image
Chapter 3 Signals
3-13
Table 3.2.3 Boot Configuration Specified with the DATA[22:0] Signals
Signal
Description
Corresponding
Register Bit
Configuration
Determined at
DATA[22:16]
Reserved
⎯
⎯
DATA[15:8]
Boot Configuration
Reads the board information and accordingly sets the boot
configuration field (BCFG) of the chip configuration register (CCFG).
CCFG.BCFG
RESET* deassert edge
DATA[7]
TX49/H3 Internal Timer Interrupt Disable
Specifies whether timer interrupts within the TX49/H2 core are
enabled.
H = Enable timer interrupts within the TX49/H3 core.
L = Disable timer interrupts within the TX49/H3 core.
CCFG.TINTDIS
RESET* deassert edge
DATA[6]
Reserved
⎯
⎯
DATA[5]
Specifies the function of the BE[3:0]*/BWE[3:0]* pins upon booting.
L = BE[3:0]* (Byte Enable)
H = BWE[3:0]* (Byte Write Enable)
EBCCR0.BC
RESET* deassert edge
DATA[4]
Boot ACK* Input
Specifies the access mode for external bus controller channel 0.
L = External ACK mode
H = Normal mode
EBCCR0.WT[0]
RESET* deassert edge
DATA[3]
Reserved
⎯
⎯
DATA[2]
PCI Arbiter Select
Selects a PCI bus arbiter.
L = External PCI bus arbiter.
H = Built-in PCI bus arbiter.
CCFG.PCIARB
RESET* deassert edge
DATA[1:0]
Boot ROM Bus Width
Specifies the data bus width when booting from a memory device
connected to the external bus controller.
LL = Reserved
LH = 32 bits
HL = 16 bits
HH = 8 bits
EBCCR0.BSZ
RESET* deassert edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com