Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 552 page
background image
Chapter 4 Address Mapping
4-2
4.2
Register Map
4.2.1
Addressing
TX4937 internal registers are to be accessed through 64 K bytes address space that is based on
physical address 0xF_FF1F_0000 or pointed address by RAMP register (refer to 5.2.7). Figure 4.2.1
shows how to generate internal register address. Physical address 1 and physical address 2 shown
Figure 4.2.1 access the same register.
In TX49/H3 Core, the physical address form 0xF_FF00_0000 to 0xF_FF3F_FFFF are uncached
mapped to the virtual address form 0xFF00_0000 to 0xFF3F_FFFF (32 bit mode) /form
0xFFFF_FFFF_FF00_0000 to 0xFFFF_FFFF_FF3F_FFFF (64 bit mode).
This space includes the region form 0xF_FF1F_0000 allocated TX4937 internal registers at
initialization.
Figure 4.2.1 Generating Physical Address for a Internal Register
4.2.2
Ways to Access to Internal Registers
3 ways to access to the internal registers of TX4937 are supported. First is 32-bit register access.
Second is 64-bit register access. Last is PCI configuration register access in PCI satellite mode.
32-bit register supports 32-bit size access only. Another size access without 32-bit size is undefined.
64-bit register supports both 64-bit size access and two times 32-bit size access. In each Endian
mode, 32-bit size access is performed shown as Table 4.2.1.
When the build-in PCI controller works in the satellite mode (refer to “10.3.1 Terminology
Explanation”), PCI configuration registers are to be accessed through PCI bus in configuration cycles. It
is possible to access to the arbitrary size of PCI configuration register as always Little Endian space
regardless the system setup.
Table 4.2.1 32-bit Size Access to 64-bit Register
Address
Big Endian
(Bit which are accessed)
Little Endian
(Bit which are accessed)
0x*_****_***0
0x*_****_***8
[63........32] [31........0]
########
[63........32] [31........0]
########
0x*_****_***4
0x*_****_***C
[63........32] [31........0]
########
[63........32] [31........0]
########
(######## means 32 bits data (upper 32 bits or lower 32 bits) which are accessed.)
Base Address
(0xF_FF1F_0000)
Offset Address
+
Physical Address 1
=
Base Address Register
(RAMP)
Offset Address
Physical Address 2
+=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com