Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 80 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 80 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 76Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 84Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 552 page
background image
Chapter 4 Address Mapping
4-12
Table 4.2.3 Internal Registers (9/9)
Offset Address
Register Size (bit) Register Symbol
Register Name
AC-link Controller (ACLC)
0xF700
32
ACCTLEN
ACLC Control Enable Register
0xF704
32
ACCTLDIS
ACLC Control Disable Register
0xF708
32
ACREGACC
ACLC CODEC Register Access Register
0xF710
32
ACINTSTS
ACLC Interrupt Status Register
0xF714
32
ACINTMSTS
ACLC Interrupt Masked Status Register
0xF718
32
ACINTEN
ACLC Interrupt Enable Register
0xF71C
32
ACINTDIS
ACLC Interrupt Disable Register
0xF720
32
ACSEMAPH
ACLC Semaphore Register
0xF740
32
ACGPIDAT
ACLC GPI Data Register
0xF744
32
ACGPODAT
ACLC GPO Data Register
0xF748
32
ACSLTEN
ACLC Slot Enable Register
0xF74C
32
ACSLTDIS
ACLC Slot Disable Register
0xF750
32
ACFIFOSTS
ACLC FIFO Status Register
0xF780
32
ACDMASTS
ACLC DMA Request Status Register
0xF784
32
ACDMASEL
ACLC DMA Channel Selection Register
0xF7A0
32
ACAUDODAT
ACLC Audio PCM Output Data Register
0xF7A4
32
ACSURRDAT
ACLC Surround Data Register
0xF7A8
32
ACCENTDAT
ACLC Center Data register
0xF7AC
32
ACLFEDAT
ACLC LFE Data Register
0xF7B0
32
ACAUDIDAT
ACLC Audio PCM Input Data Register
0xF7B8
32
ACMODODAT
ACLC Modem Output Data Register
0xF7BC
32
ACMODIDAT
ACLC Modem Input Data Register
0xF7FC
32
ACREVID
ACLC Revision ID Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com