Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 19Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 20Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 21Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 22Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 23Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 24Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 25Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 26Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 552 page
background image
3 General Safety Precautions and Usage Considerations
3-1
3.
General Safety Precautions and Usage Considerations
This section is designed to help you gain a better understanding of semiconductor devices, so as to ensure the
safety, quality and reliability of the devices which you incorporate into your designs.
3.1
From Incoming to Shipping
3.1.1
Electrostatic discharge (ESD)
When handling individual devices (which are not yet mounted on a printed circuit
board), be sure that the environment is protected against electrostatic electricity.
Operators should wear anti-static clothing, and containers and other objects which
come into direct contact with devices should be made of anti-static materials and should
be grounded to earth via an 0.5- to 1.0-M
Ω protective resistor.
Please follow the precautions described below; this is particularly important for devices
which are marked “Be careful of static.”.
(1) Work environment
• When humidity in the working environment decreases, the human body and other insulators can easily
become charged with static electricity due to friction. Maintain the recommended humidity of 40% to 60% in
the work environment, while also taking into account the fact that moisture-proof-packed products may
absorb moisture after unpacking.
• Be sure that all equipment, jigs and tools in the working area are grounded to earth.
• Place a conductive mat over the floor of the work area, or take other appropriate measures, so that the floor
surface is protected against static electricity and is grounded to earth. The surface resistivity should be 104 to
108
Ω/sq and the resistance between surface and ground, 7.5 × 105 to 108 Ω
• Cover the workbench surface also with a conductive mat (with a surface resistivity of 104 to
108
Ω/sq, for a resistance between surface and ground of 7.5 × 105 to 108 Ω) . The purpose of this is to
disperse static electricity on the surface (through resistive components) and ground it to earth. Workbench
surfaces must not be constructed of low-resistance metallic materials that allow rapid static discharge when a
charged device touches them directly.
• Pay attention to the following points when using automatic equipment in your workplace:
(a) When picking up ICs with a vacuum unit, use a conductive rubber fitting on the end of the pick-up wand
to protect against electrostatic charge.
(b) Minimize friction on IC package surfaces. If some rubbing is unavoidable due to the device’s mechanical
structure, minimize the friction plane or use material with a small friction coefficient and low electrical
resistance. Also, consider the use of an ionizer.
(c) In sections which come into contact with device lead terminals, use a material which dissipates static
electricity.
(d) Ensure that no statically charged bodies (such as work clothes or the human body) touch the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com