Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 64 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 64 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 552 page
background image
Chapter 3 Signals
3-10
3.2
Boot Configuration
The ADDR[19:0] and DATA[15:0] signals can also function as configuration signals for initially setting
various functions upon booting the system. The states of the configuration signals immediately after the
RESET* or CGRESET* signal is deasserted are read as initial values for the TX4937 internal registers. A
High signal level sets a value of 1 and a Low signal level sets a value of 0.
All configuration signals are provided with internal pull-up resistors. To drive a signal Low, pull down the
corresponding pin on the board using an approx. 4.7 kΩ resistor. Driving a signal High does not require a
pull-down resistor. Any signals defined as Reserved should not be pulled down.
Table 3.2.1 lists the functions that can be set using configuration signals. Table 3.2.2 and Table 3.2.3
describe each configuration signal.
Table 3.2.1 Functions that Can be Set Using Configuration Signals
Peripheral
Function
Functions that Can be Set
Configuration
Signal
PCI controller operating mode (satellite or host)
ADDR[19]
Division ratio of PCICLK[5:0] to CPUCLK
ADDR[11:10]
PCI controller
PCI bus arbiter selection (internal or external)
DATA[2]
Division ratio of SYSCLK to GBUSCLK
ADDR[14:13]
Boot device selection
Division ratio of the external bus controller clock upon booting
ADDR[8:6]
BE[3:0]*/BWE[3:0]* function selection upon booting
DATA[5]
Handling of the ACK signal upon booting (internal or external)
DATA[4]
External bus
controller
Data bus width for the boot device
DATA[1:0]
Clock
Division ratio of CPUCLK to MASTERCLK
ADDR[3:0]
Shared pin function setting
ADDR[18], ADDR[9]
DATA[6], DATA[3]
Endian setting
ADDR[12]
Board information setting
DATA[15:8]
Others
Controlling built-in timer interrupts of the TX49/H3 core
DATA[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com