Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 552 page
background image
Chapter 4 Address Mapping
4-3
4.2.3
Register Map
Please refer to “10.5 PCI Configuration Space Register” about PCI configuration register.
Table 4.2.2 Register Map
Offset Address
Peripheral Controller
Detail
0x0000 to 0x7FFF
Reserved
⎯
0x8000 to 0x8FFF
SDRAMC
Refer to “9.4”
0x9000 to 0x9FFF
EBUSC
Refer to “7.4”
0xA000 to 0xAFFF
ECC
Refer to “9.4”
0xB000 to 0xB7FF
DMAC0
Refer to “8.4”
0xB800 to 0xBFFF
DMAC1
Refer to “8.4”
0xD000 to 0xDFFF
PCIC
Refer to “10.4”
0xE000 to 0xEFFF
CONFIG
Refer to “5.2”
0xF000 to 0xF0FF
TMR0
Refer to “12.4”
0xF100 to 0xF1FF
TMR1
Refer to “12.4”
0xF200 to 0xF2FF
TMR2
Refer to “12.4”
0xF300 to 0xF3FF
SIO0
Refer to “11.4”
0xF400 to 0xF4FF
SIO1
Refer to “11.4”
0xF500 to 0xF50F
PIO
Refer to “13.4”
0xF510 to 0xF6FF
IRC
Refer to “15.4”
0xF700 to 0xF7FF
ACLC
Refer to “14.4”
0xF800 to 0xFFFF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com