Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 76Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 552 page
background image
Chapter 4 Address Mapping
4-11
Table 4.2.3 Internal Registers (8/9)
Offset Address
Register Size (bit) Register Symbol
Register Name
Interrupt Controller (IRC)
0xF510
32
IRFLAG0
Interrupt Request Flag 0 Register
0xF514
32
IRFLAG1
Interrupt Request Flag 1 Register
0xF518
32
IRPOL
Interrupt Request Polarity Control Register
0xF51C
32
IRRCNT
Interrupt Request Control Register
0xF520
32
IRMASKINT
Internal Interrupt Mask Register
0xF524
32
IRMASKEXT
External Interrupt Mask Register
0xF600
32
IRDEN
Interrupt Detection Enable Register
0xF604
32
IRDM0
Interrupt Detection Mode Register 0
0xF608
32
IRDM1
Interrupt Detection Mode Register 1
0xF610
32
IRLVL0
Interrupt Level Register 0
0xF614
32
IRLVL1
Interrupt Level Register 1
0xF618
32
IRLVL2
Interrupt Level Register 2
0xF61C
32
IRLVL3
Interrupt Level Register 3
0xF620
32
IRLVL4
Interrupt Level Register 4
0xF624
32
IRLVL5
Interrupt Level Register 5
0xF628
32
IRLVL6
Interrupt Level Register 6
0xF62C
32
IRLVL7
Interrupt Level Register 7
0xF640
32
IRMSK
Interrupt Mask Level Register
0xF660
32
IREDC
Interrupt Edge Detection Clear Register
0xF680
32
IRPND
Interrupt Pending Register
0xF6A0
32
IRCS
Interrupt Current Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com