Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 552 page
background image
Chapter 6 Clocks
6-2
Table 6.1.1 TX4937 Clock Signals (1/2)
Clock
Input/Output
Description
Related
Configuration Signals
(Refer to Section
3.2.)
Related Registers
(Refer to Chapters 5
and 10.)
MASTERCLK Input
Master input clock for the TX4937.
The TX4937 internal clock generator multiplies or
divides MASTERCLK to generate internal clock
pulses.
⎯
⎯
CPUCLK
Internal signal Clock supplied to the TX49/H3 core.
PLL1 in the TX4937 generates CPUCLK by
multiplying MASTERCLK. Boot configuration
signals ADDR[3:0] can set the frequency ratio of
CPUCLK to MASTERCLK.
ADDR[3:0]
HHHH = 2 times MASTERCLK
HHHL = 2.5 times MASTERCLK
HHLH = 3 times MASTERCLK
HHLL = 4 times MASTERCLK
LHHH = 4.5 times MASTERCLK
HLHH = 8 times MASTERCLK
HLHL = 10 times MASTERCLK
HLLH = 12 times MASTERCLK
HLLL = 16 times MASTERCLK
LLHH = 18 times MASTERCLK
ADDR[3:0]
CCFG.DIVMODE[3:0]
GBUSCLK
Internal signal Clock supplied to peripheral blocks on the G-Bus.
PLL1 in the TX4937 generates GBUSCLK by
multiplying MASTERCLK. Boot configuration
signal ADDR[2] can set the multiplier value.
ADDR[2]
L = 4 times MASTERCLK
H = 1 times MASTERCLK
ADDR[2]
CCFG.DIVMODE[2]
IMBUSCLK
Internal signal Clock supplied to peripheral modules on the IM-
Bus.
The frequency of IMBUSCLK is half that of
GBUSCLK.
⎯
⎯
SYSCLK
Output
System clock output from the TX4937. Used by
the devices connected to the external bus
controller (EBUSC).
Boot configuration signals ADDR[14:13] can set
the frequency ratio of SYSCLK to GBUSCLK.
ADDR[14:13]
LL: GBUSCLK divided by 4
LH: GBUSCLK divided by 3
HL: GBUSCLK divided by 2
HH: GBUSCLK divided by 1
The SYSCLKEN bit of the PCFG register can
disable the output of SYSCLK.
Note: To use SYSCLK to access external
devices, the SYSCLK rate must match the
EBUSC channel operating rate. For details,
refer to Section 7.3.8.
ADDR[14:13]
CCFG.SYSSP
PCFG.SYSCLKEN
SDCLK[3:0]
Output
Clock supplied to SDRAM. The frequency of
SDCLK[3:0] is the same as that of GBUSCLK.
The SDCLKEN[3:0] field of the PCFG register can
disable the output of SDCLK[3:0] on a per bit
basis.
⎯
PCFG.DRVCK[3:0]
PCFG.SDCLKEN[3:0]
SDCLKIN
Input/output
Reference clock used to latch input data signals
from SDRAM.
The clock output from SDCLK should be
connected to SDCLKIN via a feedback line
outside the TX4937.
⎯
PCFG.DRVCKIN
(PCFG.SDCLKDLY)
(PCFG.SDCLKINEN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com