Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 62 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 62 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 58Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 66Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 552 page
background image
Chapter 3 Signals
3-8
3.1.11 Extended EJTAG Interface Signals
Table 3.1.11 Extended EJTAG Interface Signals
Signal Name
Type
Description
Initial State
TCK
Input
PU
JTAG Test Clock Input
Clock input signal for JTAG.
TCK is used to execute JTAG instructions and input/output data.
Input
TDI/DINT*
Input
PU
JTAG Test Data Input/Debug Interrupt
When PC trace mode is not selected, this signal is a JTAG data input signal. It is used to
input serial data to JTAG data/instruction registers.
When PC trace mode is selected, this signal is an interrupt input signal used to cancel
PC trace mode for the debug unit.
Input
TDO/TPC[0]
Output
JTAG Test Data Output/PC Trace Output
When PC trace mode is not selected, this signal is a JTAG data output signal. Data is
output by means of serial scan.
When PC trace mode is selected, this signal outputs the value of the non-continuous
program counter in sync with the debug clock (DCLK).
High
TPC[3:1]
Output
PC Trace Output
TPC[3:1] output the value of the noncontiguous program counter in sync with DCLK.
These signals are common with the other functions (refer to Section “3.3 Pin multiplex”).
Use the configuration setting during boot-up.
All High
TMS
Input
PU
JTAG Test Mode Select Input
TMS mainly controls state transition in the TAP controller state machine.
Input
TRST*
Input
Test Reset Input
Asynchronous reset input for the TAP controller and debug support unit (DSU).
TRST* pin must be pulled down (ex.10 k
Ω).
When this signal is deasserted, G-Bus timeout detection is disabled (refer to Section
“5.1.1 Detecting G-Bus Timeout”).
Input
DCLK
Output
Debug Clock
Clock output signal for the real-time debugging system.
When PC trace mode is selected, the TPC[3:1] and PCST signals are output
synchronously. This clock is the TX49/H3 core operating clock (CPUCLK) divided by 3.
This signal is common with the other functions (refer to Section “3.3 Pin multiplex”). Use
the configuration setting during boot-up.
Low
PCST[8:0]
Output
PC Trace Status Information
Outputs PC trace status and other information.
These signals are common with the other functions (refer to Section “3.3 Pin multiplex”).
Use the configuration setting during boot-up.
All Low
3.1.12 Clock Signals
Table 3.1.12 Clock Signals
Signal Name
Type
Description
Initial State
MASTERCLK
Input
Master Clock
Input pin for the TX4937 operating clock. A crystal resonator cannot be connected to this
pin because the pin does not contain an oscillator.
Input
HALTDOZE
Output
Halt/Doze State Output
This signal is asserted (High output) when the TX4937 enters Halt or Doze mode.
Low
BYPASSPLL*
Input
Bypass PLL
This pin must be fixed to High.
Input
CGRESET*
Input
CG Reset
CGRESET* initializes the CG.
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com