Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 91 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 91 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 87Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 88Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 89Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 90Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 552 page
background image
Chapter 5 Configuration Registers
5-11
5.2.5
Clock Control Register (CLKCTR)
0xE020
Bit 32 and bits 15-0 are reset bits for the on-chip peripheral modules. To bring on-chip peripheral
modules out of the reset state, the corresponding bits must be cleared by software. Before clearing them,
wait at least 128 CPU clock cycles after they are set.
63
48
Reserved
: Type
: Initial value
47
32
Reserved
: Type
: Initial value
31
26
25
24
23
22
21
20
19
18
17
16
DMA1CKD
ACLCKD PIOCKD DMACKD PCICCKD
1
TM0CKD TM1CKD TM2CKD SIO0CKD SIO1CKD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0
0
0
0
0
1
0
0
0
0
0
: Initial value
15
10
9
8
7
6
5
4
3
2
1
0
Reserved
DMA1RST
ACLRST
PIORST DMA0RST PCICRST
1
TM0RST TM1RST TM2RST SIO0RST SIO1RST
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0
0
0
0
0
1
0
0
0
0
0
: Initial value
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
63:27
⎯
Reserved
⎯
⎯
⎯
26
DMA1CKD
DMAC1 Clock
Disable
Controls clock pulses for the DMA controller 1.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
25
ACLCKD
ACLC Clock
Disable
Controls clock pulses for the AC-link controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
24
PIOCKD
PIO Clock
Disable
Controls clock pulses for the parallel IO controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
23
DMA0CKD
DMAC0 Clock
Disable
Controls clock pulses for the DMA controller 0.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
22
PCICKD
PCIC Clock
Disable
Controls clock pulses for the PCI controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
21
⎯
⎯
Always set this bit to 1.
1
R/W
20
TM0CKD
Timer 0 Clock
Disable
Controls clock pulses for the TMR0 controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
19
TM1CKD
Timer 1 Clock
Disable
Controls clock pulses for the TMR1 controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
18
TM2CKD
Timer 2 Clock
Disable
Controls clock pulses for the TMR2 controller.
0 = Supply clock pulses.
1 = Do not supply clock pulses.
0
R/W
Figure 5.2.5 Clock Control Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com