Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 119 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 119 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 115Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 116Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 117Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 118Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 119Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 120Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 121Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 122Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 123Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 552 page
background image
Chapter 7 External Bus Controller
7-19
Figure 7.3.14 Ready Input Timing (Write Cycle)
7.3.8
Clock Options
External devices connected to the external bus can use the SYSCLK signal as the clock. The
SYSCLK signal clock frequency can be set to one of the following divisions of the internal bus clock
(GBUSCLK): 1/1, 1/2, 1/3, 1/4. The ADDR[14:13] signal is used to set this frequency during reset, and
the setting is reflected in the SYSCLK Division Ratio field (CCFG.SYSSP) of the Chip Configuration
Register.
The operation reference clock frequency can be set to one of the following divisions of the internal
bus clock (GBUSCLK) for each channel independent of the SYSCLK signal clock frequency: 1/1, 1/2,
1/3, 1/4. The external signal of the External Bus Controller operates synchronous to this operation
clock. The Bus Speed field (EBCCRn.SP) of the External Bus Channel Control Register sets this
frequency.
Please set the same value as CCFG.SYSSP to EBCCRn.SP when the external device uses the
SYSCLK signal. If these two values do not match, then the channel, the operation reference clock, and
the SYSCLK signal will no longer be synchronous and will not operate properly.
SYSCLK
ADDR [19:0]
SWE*/BWE*
DATA [31:0]
ACK*/READY
(Input)
3 clocks
4 clocks
CE*
Acknowledge Ready
EBCCRn.PWT:WT=2
EBCCRn.SHWT=0
Start Ready
Check
3 clocks
SYSCLK
CE*
ADDR [19:0]
SWE*/BWE*
DATA [31:0]
ACK*/READY
(Input)
4 clocks
Acknowledge Ready
EBCCRn.PWT:WT=2
EBCCRn.SHWT=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com