Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 191 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 191 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 190Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 191Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 192Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 193Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 194Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 195Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 552 page
background image
Chapter 8 DMA Controller
8-35
8.4.6
DMA Chain Address Register (DM0CHARn, DM1CHARn)
Offset Address: DMAC0 0xB000 (ch. 0) / 0xB040 (ch. 1) / 0xB080 (ch. 2) / 0xB0C0 (ch. 3)
DMAC1 0xB800 (ch. 0) / 0xB840 (ch. 1) / 0xB880 (ch. 2) / 0xB8C0 (ch. 3)
63
48
Reserved
: Type
: Initial value
47
36
35
32
Reserved
CHADDR[35:32]
R/W
: Type
⎯
: Initial value
31
16
CHADDR[31:16]
R/W
: Type
⎯
: Initial value
15
3
2
0
CHADDR[15:3]
Reserved
R/W
R/W
: Type
⎯
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:36
Reserved
⎯
35:3
CHADDR
Chain Address
Chain Address (Default: undefined)
When Chain DMA transfer is executed, this register sets the physical
address of the next DMA Command Descriptor to be read. If DMA transfer
according to the current Channel Register setting ends and the Chain
Enable bit (DMCCRn.CHNEN) is set, then the DMA Command Descriptor
is loaded in the Channel Register starting from the address indicated by
this register.
When a value other than “0” is set in this register, the Chain Enable bit
(DMCCRn.CHNEN) and the Transfer Active bit (DMCCRn.XFACT) are set.
When “0” is set in this register, only the Chain Enable bit
(DMCCRn.CHNEN) is cleared.
When the Chain Address field value reads a DMA Command Descriptor of
0, the value of this register is not updated and the value before that one
(address of the Data Command Descriptor when the value of the Chain
Address field being read was “0”) is held.
R/W
2:0
Reserved
R/W
Figure 8.4.6 DMA Chain Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com