Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 219 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 219 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 215Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 216Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 217Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 218Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 219Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 220Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 221Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 222Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 223Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 552 page
background image
Chapter 9 SDRAM Controller
9-3
9.3
Detailed Explanation
9.3.1
Supported SDRAM configurations
This controller supports the SDRAM configurations listed below in Table 9.3.1.
The MW field of the SDRAM Channel Control Register (SDCCRn) can be used to separately set the
data bus width for each channel to either 64 bits or 32 bits.
DATA[31:0] and DQM[3:0] are used when using a 32-bit data bus. DQM[7:4] output High.
DATA[63:32] output an undefined value when DATA[31:0] become the output, but enter the High-Z
state when DATA[31:0] are the input. When in the Big Endian Mode, first external access of the upper
word (bits 63:32) of the internal data bus is performed, then external access of the lower word (bits
31:0) is performed. When in the Little Endian Mode, first external access of the lower word (bits 31:0)
is performed, then external access of the upper word (bits 63:32) is performed. When using a 32-bit data
bus, two external access will always be performed even when accessing less than 32 bits of data.
The maximum memory capacity per channel when a 64-bit data bus is configured is 1 GBytes when
using 16 512-Mbit SDRAMs with a 4-bit data bus. The total maximum memory capacity is 4 GBytes
when totaling up the four channels.
Table 9.3.1 Supported SDRAM Configurations
SDRAM Configuration
Row Address (bit)
Column Address (bit)
Remarks
1 M
× 16
11
8
2 M
× 8
11
9
16 Mbit
2-bank
4 M
× 4
11
10
See Note 1
2 M
× 32
11
9
2 M
× 32
12
8
4 M
× 16
11
10
4 M
× 16
13
8
8 M
× 8
13
9
2-bank
16 M
× 4
13
10
See Note 1
2 M
× 32
11
8
4 M
× 16
12
8
8 M
× 8
12
9
64 Mbit
4-bank
16 M
× 4
12
10
See Note 1
4 M
× 32
12
8
8 M
× 16
12
9
16 M
× 8
12
10
128 Mbit
4-bank
32 M
× 4
12
11
See Note 1
16 M
× 16
13
9
32 M
× 8
13
10
256 Mbit
4-bank
64 M
× 4
13
11
See Note 1,2
32 M
× 16
13
10
64 M
× 8
13
11
See Note 2
512 Mbit
4-bank
128 M
× 4
13
12
See Note 1,2
Note1: The SDRAM Controller logic-wise does support these configurations, but please design carefully since the memory
bus load will be large.
Note2: This SDRAM configuration has 512 Mbytes of memory on a channel. If it is mapped to physical address space
beginning with address 0, it overlaps the address space for the ROM wherein the bootstrap vectors reside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com