Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 259 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 259 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 255Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 256Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 257Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 258Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 259Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 260Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 261Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 262Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 263Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 552 page
background image
Chapter 10 PCI Controller
10-1
10. PCI Controller
10.1 Features
The TX4937 PCI Controller functions as a bus bridge between the TX4937 External PCI and the internal
bus (G-Bus).
10.1.1 Overall
•
Compliant to “PCI Local Bus Specification Revision 2.2”
•
PCI Bus: 32-bit data bus; Internal Bus: 64-bit data bus
•
Maximum PCI bus clock operating frequency: 66 MHz
•
Dual address cycle support (40-bit PCI address space)
•
Supports both the Initiator and Target functions
•
Supports power management functions that are compliant to PCI Bus Power Management Interface
Specifications Version 1.1.
•
On-chip PCI Bus Arbiter, can connect to a maximum of four external bus masters
•
1-channel on-chip DMA Controller (PDMAC) dedicated to the PCI Controller
•
Supports six PCI clock outputs
•
The Internal Bus clock and PCI Bus clock are asynchronous and can be set independently
•
Includes function for booting the TX4937 from memory on the PCI Bus
•
Can set configuration data from serial ROM
•
Mounted a retry function on the Internal Bus side also in order to avoid deadlock on the PCI Bus.
10.1.2 Initiator Function
•
Single and Burst transfer from the Internal Bus to the PCI Bus
•
Supports memory, I/O, configuration, special cycle, and interrupt acknowledge transactions.
•
Address mapping between the Internal Bus and the PCI Bus can be modified
•
Mounted 8-stage 64-bit data one FIFO each for Read and Write
•
Post Write function enables quick termination of a maximum of four Write transactions by the G-
Bus without waiting for completion on the PCI Bus.
•
Endian switching function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com