Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 273 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 273 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 269Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 270Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 271Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 272Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 273Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 274Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 275Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 276Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 277Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 552 page
background image
Chapter 10 PCI Controller
10-15
10.3.9.2 PME* Signal (Satellite Mode)
The following PMEs (Power Management Events) are reported when in the Satellite mode.
•
The PCI Host device sets the PME_En bit of the PMCSR Register in the TX4937
Configuration space. This makes it possible for the TX4937 to assert the PME* signal.
Then, the PME_En Set bit (P2GSTATUS.PMEES) of the P2G Status Register is set.
Furthermore, it also becomes possible to generate PME_En Set interrupts. The PME_En bit
value can be read from the PME_En bit (PCISSTATUS.PMEEN) of the Satellite Mode PCI
Status Register.
•
Writing “1” to the PME bit (P2GCFG.PME) of the P2G Configuration Register sets the
PME_Status bit of the PMCSR Register, then asserts the PME* signal, which is the open
drain signal. PME is then reported to the PCI Host device.
•
The PCI Host device checks the PMCSR PME_Status bit of each PCI device, then specifies
the PCI device that asserted the PME* signal.
•
After the process corresponding to PME ends, the PCI Host device writes “1” to the TX4937
PME_Status bit that reported PME, thereby reporting the end of the process. As a result, the
PME_Status bit of the PMCSR Register is cleared and the PME* signal is deasserted.
Then, the PME Status Clear bit (P2GSTATUS.PMECLR) of the P2G Status Register is set. It
is also possible to generate PME Status Clear interrupts.
10.3.9.3 PME* Signal* (Host Mode)
The PME Detection bit (PCICSTATUS.PMED) of the PCI Controller Status Register is set
when an external satellite device asserts the PME* signal while the TX4937 is in the Host mode. It
is also possible to generate PME Detection interrupts at this time.
10.3.10 PDMAC (PCI DMA Controller)
The PCI DMA Controller (PDMAC) is a one-channel PCI Director Memory Access (DMA)
controller. Data can be transferred bidirectionally between the G-Bus and the PCI Bus.
Note: The PDMAC can only access the SDRAMC on the G-Bus. It does not provide support
for access to other controllers on the G-Bus.
10.3.10.1 DMA Transfer
The following DMA transfer procedure does not use the Chain DMA mode.
1.
Address Register and Count Register Setting
Sets values for the three following registers.
•
PDMAC G-Bus Address Register (PDMGA)
•
PDMAC PCI Bus Address Register (PDMPA)
•
PDMAC Count Register (PDMCTR)
2.
Chain Address Register Setting
Sets “0” to the PDMAC Chain Address Register (PDMCA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com