Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 300 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 300 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 296Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 297Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 298Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 299Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 300Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 301Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 302Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 303Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 304Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 552 page
background image
Chapter 10 PCI Controller
10-42
10.4.17 Satellite Mode PCI Status Register (PCISSTATUS)
0xD088
The PCI Status, Command Register (PCISTATUS) or the PMCSR Register of the Configuration
Space cannot be accessed when the PCI Controller is in the Satellite mode. It is possible however to
read values from either of these registers.
31
26
25
24
23
22
16
Reserved
PS
PMEEN
Reserved
R
R
: Type
0x0
0x0
: Initial value
15
14
13
12
11
10
9
8
7
0
DPE
SSE
RMA
RTA
STA
DT
MDPE
Reserved
R
R
R
R
R
R
R
: Type
0x0
0x0
0x0
0x0
0x0
0x1
0x0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:24
Reserved
⎯
25:24
PS
Power State
PowerState (Default: 0x0)
This is a shadow register of the PowerState field in the PMCSR Register.
Note: Read this field in the following procedures. If other procedures are
used, incorrect data may be read.
(1) General procedures
After checking the P2GSTATUS.PMSC bit is set, read the PS field.
(2) Procedures to read at any time
To read PS field directly, but not using the procedures shown above (1),
read the PS field twice consecutively. Use the value if the same value is
read.
R
23
PMEEN
PME Enable
PME_En (Default: 0x0)
This is a shadow register of the PME_En bit of the PMCSR Register.
R
22:16
Reserved
⎯
15
DPE
Detected Parity
Error
Detected Parity Error (Default: 0x0)
This is a shadow register of the PCISTATUS.DPE bit.
R
14
SSE
Signaled System
Error
Signaled System Error (Default: 0x0)
This is a shadow register of the PCISTATUS.SSE bit.
R
13
RMA
Received Master
Abort
Received Master Abort (Default: 0x0)
This is a shadow register of the PCISTATUS.RMA bit.
R
12
RTA
Received Target
Abort
Received Target Abort (Default: 0x0)
This is a shadow register of the PCISTATUS.RTA bit.
R
11
STA
Signaled Target
Abort
Signaled Target Abort (Default: 0x0)
This is a shadow register of the PCISTATUS.STA bit.
R
10:9
DT
Set DEVSEL
Timing
DEVSEL Timing (Fixed Value: 0x1)
This is a shadow register of the PCISTATUS.DT field.
R
8
MDPE
Data Parity
Detected
Master Data Parity Error Detected (Default: 0x0)
This is a shadow register of the PCISTATUS.MDPE bit.
R
7:0
Reserved
⎯
Figure 10.4.15 Satellite Mode PCI Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com