Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 107 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 107 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 111Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-105
The operation of 8-bit timers will be described below:
(1) 8-bit timer mode
Two interval timers, designated “0” and “1”, can be used independently as 8-bit interval
timers. All interval timers operate in the same manner, and thus only the operation of
timer 1 will be explained below.
1. Generating interrupts in a fixed cycle
To generate timer 1 interrupts at constant intervals using timer 1 (INTT1), first stop
timer 1. Set the operation mode and input clock speed by setting TMOD, and the cycle time
by setting TREG1. Then, enable interrupt INTT1 and start the counting of timer 1.
Example: To generate timer 1 interrupt every 1 second at fs
= 32 kHz, set each register in
the following manner.
Clock condition
System clock:
Low frequency (fs)
Prescaler clock:
Low frequency (fs)
MSB
LSB
7
6
5
4
3
2
1
0
TRUN
← − X − − − − 0 −
Stop timer 1, and clear it to “0”.
TMOD
← 0 0 X X 1 0 − −
Set the 8-bit timer mode, and select
φT16 (4 ms at fs = 32
kHz) as the input clock.
TREG1
← 1 1 1 1 1 0 1 0
Set the timer register 1, 1 s
÷ φT16 = 250 = FAH (H
signifies hexadecimal).
INTET10
← 1 1 0 1 − − − −
Enable INTT1, and set it to “Level 5”.
TRUN
← 1 X − − − − 1 −
Start timer 1 counting.
X: Don’t care,
−: No change
Use Table 3.7.1 for selecting the input clock.
Note:
The input clock choices available for timer 0 and timer 1 differ from each other as
follows.
Timer 0: TI0 input,
φT1, φT4, φT16
Timer 1: Match detect signal of timer 0,
φT1, φT16, φT256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com