Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 109 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 109 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 113Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-107
3. Making timer 1 count up by matching the signal from the timer 0 comparator
Set the 8-bit timer mode, and set the comparator output of timer 0 as the input clock to
timer 1.
Figure 3.7.8 Timer 1 Count Up Regulated by Timer 0
(2) 16-bit timer mode
A 16-bit interval timer is configured by using timer 0 and timer 1 as a pair.
Setting timer mode register TMOD<T10M1:0> to “01” establishes a 16-bit timer mode.
When set in 16-bit timer mode, the overflow output of timer 0 will become the input clock
of timer 1, regardless of the set value of TMOD<T1CLK1:0>. Table 3.7.1 shows the selection
of timer 0 input clock.
The lower 8 bits of the timer (interrupt) cycle are set by the timer register TREG0, and
the upper 8 bits are set by TREG1. Note that TREG0 always must be set first. (Writing data
into TREG0 disables the comparator temporarily, and the comparator is restarted by
writing data into TREG1.)
Setting example: To generate an interrupt INTT1 every 0.4 seconds at fc
= 20 MHz, set
the following values for timer registers TREG0 and TREG1.
Clock condition
System clock:
High frequency (fc)
Clock gear:
1 (fc)
Prescaler clock:
fFPH
When counting with the
φT16 input clock (6.4 µs at 20 MHz)
0.4 s
÷ 6.4 µs = 62500 = F424H
Therefore, set TREG1
= F4H and TREG0 = 24H, respectively.
Comparator output
(Timer 0 match)
Timer 0 up counter
(when TREG0
= 5)
Timer 1 up counter
(when TREG1
= 2)
Timer 1 matching output
1
234
512
345
1
2
3
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com