Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 124 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 124 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 128Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-122
7
6
5
4
3
2
1
0
Bit symbol
FF3C1
FF3C0
FF3TRG1
FF3TRG0
FF2C1
FF2C0
FF2TRG1
FF2TRG0
Read/Write
W
R/W
W
R/W
After reset
1
1
0
0
1
1
0
0
Function
00: Don’t care
01: Set TFF3
10: Clear TFF3
11: Don’t care
00: Disable TFF3 inverted.
01: Invert by match.
10: Set by match;
clear by overflow
11: Clear by match;
set by overflow.
00: Don’t care
01: Set TFF2
10: Clear TFF2
11: Don’t care
00: Disable TFF2 inverted.
01: Invert by match.
10: Set by match;
clear by overflow
11: Clear by match;
set by overflow.
Figure 3.8.7 8-Bit PWM Flip-flop Control Register
00
Disable TFF2 trigger.
01
Invert by compare and match.
10
Set by compare and match.
Clear by 2
n
− 1 overflow.
11
Clear by compare and match.
Set by 2
n
−1 overflow.
Select PWM timer flip-flop 2 (TFF2) trigger
Control PWM timer flip-flop 2 (TFF2)
00
Don’t care
01
Set TFF2 to “1”.
10
Clear TFF2 to “0”.
11
Don’t care
Select PWM timer flip-flop 3 (TFF3) trigger
00
Disable TFF3 trigger.
01
Invert by compare and match.
10
Set by compare and match.
Clear by 2
n
− 1 overflow.
11
Clear by compare and match.
Set by 2
n
− 1 overflow.
Control PWM timer flip-flop 3 (TFF3)
00
Don’t care
01
Set TFF3 to “1”.
10
Clear TFF3.
11
Don’t care
PFFCR
(002AH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com