Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 126 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 126 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 130Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-124
The following explains PWM timer operations.
(1) PWM timer mode
PWM output changes under the following two conditions.
Condition 1:
•
TFF2 is cleared when the value in the up counter (UC2) matches the value set in the
TREG2.
•
TFF2 is set to 1 when a 2n
− 1 counter overflow (n = 6, 7, or 8) occurs.
Condition 2:
•
TFF2 is set to 1 when the value in the up counter (UC2) matches the value set in
TREG2.
•
TFF2 is cleared when a 2n
− 1 counter overflow (n = 6, 7, or 8) occurs.
The up counter (UC2) is cleared by a 2n
− 1 counter overflow.
The PWM timer can output 0% to 100% duty pulses because a 2n
− 1 counter overflow has
a higher priority. That is, to obtain 0% output (Always low), the mode used to set TFF2 to 0
due to overflow (PFFCR<FF2TRG1:0>
= 10) must be set and 2n − 1 (A value indicating an
overflow) must be set in TREG2. To obtain 100% output (Always high), the mode must be
changed by setting PFFCR<FF2TRG1:0>
= 11 and then TREG2 must be set to 2n − 1.
PWM timing
Figure 3.8.9 Output Waves in PWM Timer Mode
Note:
The waves pictured above are obtained in the mode in which the flip-flop is set by a
match with the timer register (TREG), and is reset by an overflow.
Overall
timing
(Note)
PWM counter
Match detect
2
n
− 1 overflow
counter clear
Timing in
detail
Match detect
2
n
− 1 overflow
Timer flip-flop
output (TO2/TO3)
m
− 1
m
m
+ 12n − 32n − 2
2
n
− 1
0
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com