Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 130 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 130 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 133Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 134Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-128
2. Generating a 50% square wave
To generate a 50% square wave, invert the timer flip-flop at a fixed interval and output
the timer flip-flop value to the timer output pin (TO2).
Example: To output a 2.4
µs square wave at fc = 20 MHz from the TO2 pin, set the
registers as follows.
Clock condition
System clock:
High frequency (fc)
Clock gear:
1 (fc)
Prescaler clock: fFPH
7
6
5
4
3
2
1
0
TRUN
← − X − − − 0 − −
Stops PWM0 and clears it.
P0MOD
← X 0 1 1 0 0 X X
Sets 8-bit timer mode and selects
φP1 (0.2 µs) as the
input clock.
TREG2
← 0 0 0 0 0 1 1 0
Sets 2.4
µs ÷ 0.2 µs ÷ 2 = 6 in the timer register.
PFFCR
← − − − − 1 0 0 1
Clears TFF2 and inverts using comparator output.
P7CR
← X X X X − 1 − −
P7FC
← X X X X − 1 − X
Sets P72 as the TO2 pin.
TRUN
← 1 X − − − 1 − −
Starts counting PWM0.
X: Don’t care, −: No change
Figure 3.8.12 Square Wave (50% duty) Output Timing Chart
φP1
TRUN
Up counter
Comparator
timing
1.2
µs (at fc = 20 MHz)
01
Match
detect
UC clear
TFF2
TO2
02
03
04
05
06
01
02
04
05
06
01
02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com