Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 132 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 132 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 133Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 134Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 135Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 136Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-130
3.9
16-Bit Timers
The TMP93CS40 and TMP93CS41 contain two multifunctional 16-bit timer/event counters
(Timer 4 and timer 5) which support the following operation modes.
•
16-bit interval timer mode
•
16-bit event counter mode
•
16-bit programmable pulse generation (PPG) mode
•
Frequency measurement mode
•
Pulse width measurement mode
•
Time differential measurement mode
Each timer/event counter consists of a 16-bit up counter, two 16-bit timer registers (One with
a double-buffer), two 16-bit capture registers, two comparators, a capture input controller, a
timer flip-flop and the control circuit.
Timer/event
counters
are
controlled
by
4
control
registers:
T4MOD/T5MOD,
T4FFCR/T5FFCR, TRUN and T45CR.
Figure 3.9.1, Figure 3.9.2 show the block diagram of the 16-bit timer/event counters (Timer 4
and timer 5).
Timers 4 and 5 can be used independently.
All timers operate in the same manner except for the following points, and thus only the
operation of timer 4 will be explained below.
Points Differing between Timers 4 and 5
16-Bit Timer 4
16-Bit Timer 5
Timer out pin
TO4 pin (TFF4)
TO5 pin (TFF5)
TO6 pin (TFF6)
Different phased pulse
output mode
Yes
No
(No TO7 pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com