Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 168 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 168 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 168Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 169Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 170Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 171Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 172Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-166
When using a trigger signal from timer 4, set either T4FFCR<EQ5T4> or
T4MOD<EQ5T5> to “1”; a trigger is generated when the value in UC4 and the value in
TREG5 match. When using a trigger signal from timer 5, set T5FFCR<EQ7T6> to “1”; a
trigger is generated when the value in UC5 and the value in TREG7 match.
(4) Application of PG and timer output
As explained in the previous section trigger signal from timer, the timings for shifting PG
and inverting TFF differ depending on the timer mode. An application which operates PG
while operating an 8-bit timer in PPG mode is explained below.
To drive a stepping motor, a synchronizing signal is required for the excitation timing, in
addition to the value of each phase (PG output). In this application, port 6 is used as a
stepping motor control port to output a synchronizing signal to the TO1 pin (shared with
P71).
Figure 3.10.14 Output Waveforms for 4-Phase 1-step Excitation
Setting example:
7
6
5
4
3
2
1
0
TRUN
← − X − − − − 0 0
Stop timer 0, and clear it to zero.
TMOD
← 1 0 X X X X 0 1
Set timer 0 and timer 1 to PPG output mode and select
φT1 as the input clock.
TFFCR
← X X X 0 0 1 1 X
Enable TFF1 inversion and set TFF1 to “1”.
TREG0
← *
*
*
*
*
*
*
*
Set the duty of TO1 to TREG0.
TREG1
← *
*
*
*
*
*
*
*
Set the cycle of TO1 to TREG1.
P7CR
← X X X X − − 1 −
P7FC
← X X X X − − 1X
Assign P71 as TO1.
P6CR
← − − − − 11 1 1
P6FC
← − − − − 11 1 1
Assign P60 to P63 as PG0.
PG01CR
← − − − − 0 0 0 1
Set PG0 to 4-phase 1-step excitation mode.
PG0REG
← *
*
*
*
*
*
*
*
Set an initial value.
TRUN
← 1 X − − − − 1 1
Start timer 0 and timer 1.
X: Don’t care,
−: No change
TO1 (P71)
TREG1
PG00 (P60)
TREG0
PG01 (P61)
PG02 (P62)
PG03 (P63)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com