Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 171 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 171 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 168Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 169Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 170Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 171Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 175Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-169
The serial channel has buffer registers for temporarily storing transmitted or received data
during transmitting and receiving operations. This is so that transmitting and receiving
operations can be performed independently (Full duplex).
However, in I/O interface mode, the SCLK (Serial clock) pin is used for both transmitting and
receiving and the channel becomes half duplex.
The receiving data register is a double buffer structure that prevents the occurrence of
overrun errors and provides a margin of one frame before the CPU reads the received data. The
receiving data register stores the previously received data while the buffer register receives the
next frame.
By using CTS and RTS (There is no RTS pin, so any single port must be controlled by
software), it is possible to halt data transmission until the CPU finishes reading received data
wherever a frame is received (The handshake function).
In UART mode, an additional check function ensures that erroneous state bits caused by
noise do not cause receiving operations to start. The channel starts receiving data only when
the start bit is detected properly at least twice out of three samplings of the start bit.
When the transmission buffer becomes empty and requests the CPU to send the next
transmission data, or when data is stored in the receiving data register and the CPU is
requested to read the data, an INTTX (Transmit interrupt) or INTRX (Receive interrupt)
interrupt occurs. If an overrun error, parity error or framing error occurs during a receiving
operation, the flag SC0CR<OERR, PERR, FERR> is set.
The serial channel 0/1 has a special baud rate generator, which can set any baud rate by
dividing the frequency of the four clocks (
φT0, φT2, φT8, and φT32) from the 9-bit prescaler
(shared by the 8-bit/16-bit timers) by a value from 2 to 16.
In I/O interface mode, it is possible to input synchronous signals, as well as transmit or
receive data using an external clock.
3.11.1
Control Registers
The serial channels are controlled by three control registers: SC0CR, SC0MOD and
BR0CR. Transmitted and received data are stored in the register SC0BUF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com