Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 211 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 211 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 207Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 208Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 209Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 210Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 211Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 212Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 213Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 214Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 215Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-209
4.
Electrical Characteristics
4.1
Maximum Ratings
TMP93CS40F, TMP93CS41F
TMP93CS40DF, TMP93CS41DF
Parameter
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 6.5
V
Input voltage
VIN
−0.5 to VCC + 0.5
V
Output current (Total)
ΣIOL
120
mA
Output current (Total)
ΣIOH
−80
mA
Power dissipation (Ta
= 85°C)
PD
600
mW
Soldering temperature (10 s)
TSOLDER
260
°C
Storage temperature
TSTG
−65 to 150
°C
Operating temperature
TOPR
−40 to 85
°C
Note: The maximum ratings are rated values which must not be exceeded during operation, even
for an instant. Any one of the ratings must not be exceeded. If any maximum rating is
exceeded, a device may break down or its performance may be degraded, causing it to catch
fire or explode resulting in injury to the user. Thus, when designing products which include
this device, ensure that no maximum rating value will ever be exceeded.
4.2
DC Characteristics (1/2)
Ta
= −40 to 85°C
Parameter
Symbol
Condition
Min
Typ. (Note)
Max
Unit
fc
= 4 to 20 MHz
4.5
Power supply voltage
AVCC = VCC
AVCC = VSS = 0 V
VCC
fc
= 4 to 12.5 MHz
fs
=
30 to
34 kHz
2.7
5.5
V
VCC ≥ 4.5 V
0.8
AD0 to AD15
VIL
VCC < 4.5 V
0.6
Port 2 to port A (except P87)
VIL1
0.3 VCC
RESET
, NMI , INT0
VIL2
0.25 VCC
EA
, AM8/ AM16
VIL3
0.3
X1
VIL4
VCC = 2.7 to 5.5 V
−0.3
0.2 VCC
VCC ≥ 4.5 V
2.2
AD0 to AD15
VIH
VCC < 4.5 V
2.0
Port 2 to port A (except P87)
VIH1
0.7 VCC
RESET
, NMI , INT0
VIH2
0.75 VCC
EA
, AM8/ AM16
VIH3
VCC − 0.3
X1
VIH4
VCC = 2.7 to 5.5 V
0.8 VCC
VCC +
0.3
V
Output low voltage
VOL
IOL = 1.6 mA
(VCC = 2.7 to 5.5 V)
0.45
VOH1
IOH = −400 µA
(VCC = 3 V ± 10%)
2.4
Output high voltage
VOH2
IOH = −400 µA
(VCC = 5 V ± 10%)
4.2
V
Note:
Typical values are for Ta
= 25°C and V
CC = 5 V unless otherwise noted.
“X” used in an expression shows a frequency for the clock fFPH
selected by SYSCR1<SYSCK>. The value of X changes
according to whether a clock gear or a low speed oscillator is
selected. An example value is calculated for fc, with gear
= 1/fc
(SYSCR1<SYSCK, GEAR2:0>
= 0000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com