Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 231 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 231 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 227Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 228Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 229Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 230Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 231Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 232Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 233Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 234Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 235Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-229
(4) Pattern generator
Symbol
Name
Address
7
6
5
4
3
2
1
0
PG03
PG02
PG01
PG00
SA03
SA02
SA01
SA00
W
R/W
PG0REG
PG0
register
4CH
(Prohibit
RMW)
0
0
0
0
Undefined
PG13
PG12
PG11
PG10
SA13
SA12
SA11
SA10
W
R/W
PG1REG
PG1
register
4DH
(Prohibit
RMW)
0
0
0
0
Undefined
PAT1
CCW1
PG1M
PG1TE
PAT0
CCW0
PG0M
PG0TE
R/W
0
0
0
0
0
0
0
0
PG01CR
PG0, 1
control
4EH
0: 8-bit
write
1: 4-bit
write
0: Normal
rotation
1: Reverse
rotation
0: 4-bit
step
1: 8-bit
step
PG1
trigger
input
enable
1: Enable
0: 8-bit
write
1: 4-bit
write
0: Normal
rotation
1: Reverse
rotation
0: 4-bit
step
1: 8-bit
step
PG0
trigger
input
enable
1: Enable
(5) Watchdog timer
Symbol
Name
Address
7
6
5
4
3
2
1
0
WDTE
WDTP1
WDTP0
WARM
HALTM1
HALTM0
RESCR
DRVE
R/W
1
0
0
0
0
0
0
0
WDMOD
Watchdog
timer
mode
5CH
1: WDT
enable
00: 2
15/fSYS
01: 2
17/fSYS
10: 2
19/fSYS
11: 2
21/fSYS
Warm-up
time
0: 2
14/inputted
frequency
1: 2
16/inputted
frequency
Standby mode
00: RUN mode
01: STOP mode
10: IDLE1 mode
11: IDLE2 mode
1: Connect
internally
WDT out
to reset
pin
1: Drive
the pin
in
STOP
mode
−
W
−
WDCR
Watchdog
timer
control
register
5DH
B1H: WDT disable code 4EH: WDT clear code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com