Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 232 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 232 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 228Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 229Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 230Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 231Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 232Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 233Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 234Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 235Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 236Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-230
(6) Serial channel
Symbol
Name
Address
7
6
5
4
3
2
1
0
RB7
TB7
RB6
TB6
RB5
TB5
RB4
TB4
RB3
TB3
RB2
TB2
RB1
RB1
RB0
TB0
R (Receiving)/W (Transmission)
SC0BUF
Serial
channel 0
buffer
50H
Undefined
RB8
EVEN
PE
OERR
PERR
FERR
SCLKS
IOC
R
R/W
R (Cleared to 0 by reading)
R/W
Undefined
0
0
0
0
0
0
0
1: Error
SC0CR
Serial
channel 0
control
51H
Receiving
data bit8
Parity
0: Odd
1: Even
1: Parity
enable
Overrun
Parity
Framing
0: SCLK0
1: SCLK0
1: Input
SCLK0
pin
TB8
CTSE
RXE
WU
SM1
SM0
SC1
SC0
R/W
Undefined
0
0
0
0
0
0
0
SC0MOD
Serial
channel 0
mode
52H
Transmission
data bit8
1: CTS
enable
1: Receive
enable
1: Wake
up
enable
00: I/O Interface
01: UART 7 bits
10: UART 8 bits
11: UART 9 bits
00: TO0 trigger
01: Baud rate
generator
10: Internal clock
φ1
11: Don’t care
−
BR0CK1
BR0CK0
BR0S3
BR0S2
BR0S1
BR0S0
R/W
R/W
0
0
0
0
0
0
0
BR0CR
Baud rate
control
53H
Always
fixed to 0
00:
φT0
01:
φT2
10:
φT8
11:
φT32
Set frequency divisor 0 to F
(“1” prohibited)
RB7
TB7
RB6
TB6
RB5
TB5
RB4
TB4
RB3
TB3
RB2
TB2
RB1
RB1
RB0
TB0
R (Receiving)/W (Transmission)
SC1BUF
Serial
channel 1
buffer
54H
Undefined
RB8
EVEN
PE
OERR
PERR
FERR
SCLKS
IOC
R
R/W
R (Cleared to 0 by reading)
R/W
Undefined
0
0
0
0
0
0
0
1: Error
SC1CR
Serial
channel 1
control
55H
Receiving
data bit8
Parity
0: Odd
1: Even
1: Parity
enable
Overrun
Parity
Framing
0:SCLK1
1: SCLK1
1: Input
SCLK1
pin
TB8
−
RXE
WU
SM1
SM0
SC1
SC0
R/W
0
0
0
0
0
0
0
0
SC1MOD
Serial
channel 1
mode
56H
Transmission
data bit8
Always
fixed to 0
1: Receive
enable
1: Wake
up
enable
00: I/O interface
01: UART 7 bits
10: UART 8 bits
11: UART 9 bits
00: TO0 Trigger
01: Baud rate
generator
10: Internal clock
φ1
11: Don’t care
−
BR1CK1
BR1CK0
BR1S3
BR1S2
BR1S1
BR1S0
R/W
R/W
0
0
0
0
0
0
0
BR1CR
Baud rate
control
57H
Always
fixed to 0
00:
φT0
01:
φT2
10:
φT8
11:
φT32
Set frequency divisor 0 to F
(“1” prohibited)
ODE1
ODE0
R/W
0
0
ODE
Serial
open-
drain
enable
58H
1: P93
Open
drain
1: P90
Open
drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com