Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 45Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 46Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 47Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 48Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 49Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 50Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 51Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 52Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 252 page
background image
Page 37
TMP86FS23UG
3.2.2 Individual interrupt enable flags (EF19 to EF4)
Each of these flags enables and disables the acceptance of its maskable interrupt. Setting the corresponding
bit of an individual interrupt enable flag to “1” enables acceptance of its interrupt, and setting the bit to “0” dis-
ables acceptance. During reset, all the individual interrupt enable flags (EF19 to EF4) are initialized to “0” and
all maskable interrupts are not accepted until they are set to “1”.
Note:In main program, before manipulating the interrupt enable flag (EF) or the interrupt latch (IL), be sure to clear
IMF to "0" (Disable interrupt by DI instruction). Then set IMF newly again as required after operating on the EF
or IL (Enable interrupt by EI instruction)
In interrupt service routine, because the IMF becomes "0" automatically, clearing IMF need not execute nor-
mally on interrupt service routine. However, if using multiple interrupt on interrupt service routine, manipulat-
ing EF or IL should be executed before setting IMF="1".
Example 1 :Enables interrupts individually and sets IMF
DI
; IMF
← 0
LDW
:
(EIRL), 1110100010100000B
; EF15 to EF13, EF11, EF7, EF5
← 1
Note: IMF should not be set.
:
EI
; IMF
← 1
Example 2 :C compiler description example
unsigned int _io (3AH) EIRL;
/* 3AH shows EIRL address */
_DI();
EIRL = 10100000B;
:
_EI();



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com