Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 64 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 64 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 60Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 61Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 62Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 63Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 64Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 65Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 252 page
background image
Page 52
5. I/O Ports
5.1 Port P1 (P17 to P10)
TMP86FS23UG
5.1 Port P1 (P17 to P10)
Port P1 is an 8-bit input/output port which can be configured as an input or an output in one-bit unit. Port P1 is also
used as a UART input/output, an external interrupt input, a serial PROM mode control input and segment output of
LCD. Input/output mode is specified by the P1 control register (P1CR).
When used as an input port or a secondary function input pins (UART input or external interrupt input), the corre-
sponding bit of P1CR and P1LCR should be cleared to “0”.
When used as an output port, the corresponding bit of P1CR should be set to “1”, and the respective P1LCR bit
should be cleared to “0”. When used as an UART output pin, the corresponding bit of P1CR and the output latch
(P1DR) should be set to “1”, and the respective P1LCR bit should be cleared to “0”.
When used as a segment pins of LCD, the respective bit of P1LCR should be set to “1”.
During reset, the P1DR, P1CR and P1LCR are initialized to “0”.
When the bit of P1CR and P1LCR is “0”, the corresponding bit data by read instruction is a terminal input data.
When the bit of P1CR is “0” and that of P1LCR is “1”, the corresponding bit data by read instruction is always
“0”.
When the bit of P1CR is “1”, the corresponding bit data by read instruction is the value of P1DR.
Note: Asterisk (*) indicates “1” or “0” either of which can be selected.
Table 5-1 Register Programming for Multi-function Ports
Function
Programmed Value
P1DR
P1CR
P1LCR
Port input, UART input, and external interrupt
input
*“0”
“0”
Port “0” output
“0”
“1”
“0”
Port “1” output and UART output
“1”
“1”
“0”
LCD segment output
*
*
“1”
Table 5-2 Values Read from P1DR and Register Programming
Conditions
Values Read from P1DR
P1CR
P1LCR
“0”
“0”
Terminal input data
“0”
“1”
“0”
“1”
“0”
Output latch contents
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com