Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 56 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 56 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 52Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 53Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 54Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 55Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 56Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 57Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 58Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 59Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 60Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 252 page
background image
Page 44
3. Interrupt Control Circuit
3.7 External Interrupts
TMP86FS23UG
Note 1: fc: High-frequency clock [Hz], *: Don’t care
Note 2: When the system clock frequency is switched between high and low or when the external interrupt control register
(EINTCR) is overwritten, the noise canceller may not operate normally. It is recommended that external interrupts are dis-
abled using the interrupt enable register (EIR).
Note 3: The maximum time from modifying INT1NC until a noise reject time is changed is 26/fc.
External Interrupt Control Register
EINTCR
76
5432
10
(0037H)
INT1NC
INT0EN
-
-
INT3ES
INT2ES
INT1ES
(Initial value: 00** 000*)
INT1NC
Noise reject time select
0: Pulses of less than 63/fc [s] are eliminated as noise
1: Pulses of less than 15/fc [s] are eliminated as noise
R/W
INT0EN
P63/INT0 pin configuration
0: P63 input/output port
1: INT0 pin (Port P63 should be set to an input mode)
R/W
INT3 ES
INT3 edge select
0: Rising edge
1: Falling edge
R/W
INT2 ES
INT2 edge select
0: Rising edge
1: Falling edge
R/W
INT1 ES
INT1 edge select
0: Rising edge
1: Falling edge
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com