Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 93 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 93 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 89Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 90Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 91Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 92Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 93Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 94Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 95Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 96Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 97Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 252 page
background image
Page 81
TMP86FS23UG
Note 1: fc; High-frequency clock [Hz] fs; Low-frequency clock [Hz] * ; Don’t care
Note 2: Writing to the low-byte of the timer register 1A (TREG1AL, TREG1AM), the compare function is inhibited until the high-
byte (TREG1AH) is written.
Note 3: Set the mode and source clock, and edge (selection) when the TC1 stops (TC1S=00).
Note 4: “fc” can be selected as the source clock only in the timer mode during SLOW mode and in the pulse width measurement
mode during NORMAL 1/2 or IDLE 1/2 mode.
Note 5: When a read instruction is executed to the timer register (TREG1A), the counter immediate value, not the register set
value, is read out. Therefore it is impossible to read out the written value of TREG1A. To read the counter value, the read
instruction should be executed when the counter stops to avoid reading unstable value.
Note 6: Set the timer register (TREG1A) to
≥1.
Note 7: When using the timer mode and pulse width measurement mode, set TC1CK (TC1 source clock select) to internal clock.
Note 8: When using the event counter mode, set TC1CK (TC1 source clock select) to external clock.
Note 9: Because the read value is different from the written value, do not use read-modify-write instructions to TREG1A.
Note 10:fc/27, fc/23can not be used as source clock in SLOW/SLEEP mode.
Note 11:The read data of bits 7 to 2 in TREG1AH are always “0”. (Data “1” can not be written.)
Timer/counter 1 control register 1
7
6543
210
TC1CR1
(0014H)
TC1C
TC1S
TC1CK
TC1M
(Initial value: 1000 1000)
TC1C
Counter/overfow flag
controll
0:
1:
Clear Counter/overflow flag ( “1” is automatically set after clearing.)
Not clear Counter/overflow flag
R/W
TC1S
TC1 start control
00:
10:
*1:
Stop and counter clear and overflow flag clear
Start
Reserved
R/W
TC1CK
TC1 source clock select
NORMAL1/2,IDLE1/2 modes
SLOW1/2
mode
SLEEP1/2
mode
R/W
DV7CK="0"
DV7CK="1"
000:
001:
010:
011:
100:
101:
110:
fc
fs
fc/223
fc/213
fc/211
fc/27
fc/23
fc
fs
fs/215
fs/25
fs/23
fc/27
fc/23
fc
-
fs/215
fs/25
fs/23
-
-
fc
-
fs/215
fs/25
fs/23
-
-
111:
External clock (ECIN pin input)
TC1M
TC1 mode select
00:
01:
10:
11:
Timer/Event counter mode
Reserved
Pulse width measurement mode
Frequency measurement mode
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com