Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 65Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 252 page
background image
Page 57
TMP86FS23UG
5.4 Port P5 (P57 to P50)
Port P5 is an 8-bit input/output port which can be configured as an input or an output in one-bit unit. Port P5 is also
used as a segment output of LCD. Input/output mode is specified by the P5 control register (P5CR).
When used as an input port, the corresponding bit of P5CR and P5LCR should be cleared to “0”.
When used as an output port, the corresponding bit of P5CR should be set to “1”, and the respective P5LCR bit
should be cleared to “0”.
When used as a segment pins of LCD, the respective bit of P5LCR should be set to “1”.
During reset, the output latch (P5DR), P5CR and P5LCR are initialized to “0”.
When the bit of P5CR and P5LCR is “0”, the corresponding bit data by read instruction is a terminal input data.
When the bit of P5CR is “0” and that of P5LCR is “1”, the corresponding bit data by read instruction is always “0”.
When the bit of P5CR is “1”, the corresponding bit data by read instruction is the value of P5DR.
Note: Asterisk (*) indicates “1” or “0” either of which can be selected.
Figure 5-5 Port P5
Table 5-5 Register Programming for Multi-function Ports
Function
Programmed Value
P5DR
P5CR
P5LCR
Port input
*
“0”
“0”
Port “0” output
“0”
“1”
“0”
Port “1” output
“1”
“1”
“0”
LCD segment output
*
*
“1”
Table 5-6 Values Read from P5DR and Register Programming
Conditions
Values Read from P5DR
P5CR
P5LCR
“0”
“0”
Terminal input data
“0”
“1”
“0”
“1”
“0”
Output latch contents
“1”
P5LCRi
Output latch
Data output (P5DRi)
LCD data output
STOP
OUTEN
P5LCRi input
P5CRi
P5CRi input
Data input (P5DRi)
P5i
Note:i=7 to 0
D
Q
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com