Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 75Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 252 page
background image
Page 60
5. I/O Ports
5.5 Port P6 (P67 to P60)
TMP86FS23UG
Figure 5-6 Port P6
Note 1: The port placed in input mode reads the pin input state. Therefore, when the input and output modes are used
together, the output latch contents for the port in input mode might be changed by executing a bit manipulation
instruction.
Note 2: When used as an analog inport, be sure to clear the corresponding bit of P6CR2 to disable the port input.
Note 3: Do not set the output mode (P6CR1 = “1” ) for the pin used as a analog input pin.
Note 4: Pins not used for analog input can be used as I/O ports. During AD conversion, output instructions should not be
executed to keep a precision. In addition, a variable signal should not be input to a port adjacent to the analog
input during AD conversion.
Control input
Analog input
Data output (P6DR)
Data input (P6DR)
STOP
OUTEN
AINDS
SAIN
P6CR2i input
P6CR1i input
P6CR2i
P6CR1i
P6i
Note 1: i = 0 to 3, j = 4 to 7, k = 2 to 5
Note 2: STOP is bit 7 in SYSCR1
Note 3: SAIN is AD input select signal.
Note 4: STOPk is input select signal
in a key on wake up.
Analog input
Key on wake up
Data output (P6DR)
Data input (P6DR)
STOP
STOPk
OUTEN
AINDS
SAIN
P6CR2j input
P6CR1j input
P6CR2j
P6CR1j
P6j
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com