Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 252 page
background image
Page 5
TMP86FS23UG
1.4 Pin Names and Functions
The TMP86FS23UG has MCU mode, parallel PROM mode, and serial PROM mode. Table 1-1 shows the pin
functions in MCU mode. The serial PROM mode is explained later in a separate chapter.
Table 1-1 Pin Names and Functions(1/3)
Pin Name
Pin Number
Input/Output
Functions
P17
SEG24
27
IO
O
PORT17
LCD segment output 24
P16
SEG25
26
IO
O
PORT16
LCD segment output 25
P15
SEG26
25
IO
O
PORT15
LCD segment output 26
P14
SEG27
INT3
24
IO
O
I
PORT14
LCD segment output 27
External interrupt 3 input
P13
SEG28
INT2
23
IO
O
I
PORT13
LCD segment output 28
External interrupt 2 input
P12
SEG29
INT1
22
IO
O
I
PORT12
LCD segment output 29
External interrupt 1 input
P11
SEG30
TXD
21
IO
O
O
PORT11
LCD segment output 30
UART data output
P10
SEG31
RXD
20
IO
O
I
PORT10
LCD segment output 31
UART data input
P22
XTOUT
7
IO
O
PORT22
Resonator connecting pins(32.768kHz) for inputting external
clock
P21
XTIN
6
IO
I
PORT21
Resonator connecting pins(32.768kHz) for inputting external
clock
P20
STOP
INT5
9
IO
I
I
PORT20
STOP mode release signal input
External interrupt 5 input
P37
DVO
64
O
O
PORT37
Divider Output
P36
PDO3/PWM3
63
O
O
PORT36
PDO3/PWM3 output
P35
PDO4/PWM4/PPG4
62
O
O
PORT35
PDO4/PWM4/PPG4 output
P34
PDO5/PWM5
TC5
61
IO
O
I
PORT34
PDO5/PWM5 output
TC5 input
P33
PDO6/PWM6/PPG6
TC6
60
IO
O
I
PORT33
PDO6/PWM6/PPG6 output
TC6 input
P32
SCK
59
IO
IO
PORT32
Serial Clock I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com