Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 51Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 52Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 53Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 54Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 55Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 56Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 57Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 58Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 252 page
background image
Page 43
TMP86FS23UG
3.7 External Interrupts
The TMP86FS23UG has 5 external interrupt inputs. These inputs are equipped with digital noise reject circuits
(Pulse inputs of less than a certain time are eliminated as noise).
Edge selection is also possible with INT1 to INT3. The INT0/P63 pin can be configured as either an external inter-
rupt input pin or an input/output port, and is configured as an input port during reset.
Edge selection, noise reject control and INT0/P63 pin function selection are performed by the external interrupt
control register (EINTCR).
Note 1: In NORMAL1/2 or IDLE1/2 mode, if a signal with no noise is input on an external interrupt pin, it takes a maximum of "sig-
nal establishment time + 6/fs[s]" from the input signal's edge to set the interrupt latch.
Note 2: When INT0EN = "0", IL4 is not set even if a falling edge is detected on the INT0 pin input.
Note 3: When a pin with more than one function is used as an output and a change occurs in data or input/output status, an inter-
rupt request signal is generated in a pseudo manner. In this case, it is necessary to perform appropriate processing such
as disabling the interrupt enable flag.
Source
Pin
Enable Conditions
Release Edge
Digital Noise Reject
INT0
INT0
IMF EF4 INT0EN=1
Falling edge
Pulses of less than 2/fc [s] are eliminated as
noise. Pulses of 7/fc [s] or more are considered
to be signals. In the SLOW or the SLEEP mode,
pulses of less than 1/fs [s] are eliminated as
noise. Pulses of 3.5/fs [s] or more are consid-
ered to be signals.
INT1
INT1
IMF EF5 = 1
Falling edge
or
Rising edge
Pulses of less than 15/fc or 63/fc [s] are elimi-
nated as noise. Pulses of 49/fc or 193/fc [s] or
more are considered to be signals. In the SLOW
or the SLEEP mode, pulses of less than 1/fs [s]
are eliminated as noise. Pulses of 3.5/fs [s] or
more are considered to be signals.
INT2
INT2
IMF EF9 = 1
Falling edge
or
Rising edge
Pulses of less than 7/fc [s] are eliminated as
noise. Pulses of 25/fc [s] or more are considered
to be signals. In the SLOW or the SLEEP mode,
pulses of less than 1/fs [s] are eliminated as
noise. Pulses of 3.5/fs [s] or more are consid-
ered to be signals.
INT3
INT3
IMF EF17 = 1
Falling edge
or
Rising edge
Pulses of less than 7/fc [s] are eliminated as
noise. Pulses of 25/fc [s] or more are considered
to be signals. In the SLOW or the SLEEP mode,
pulses of less than 1/fs [s] are eliminated as
noise. Pulses of 3.5/fs [s] or more are consid-
ered to be signals.
INT5
INT5
IMF EF19 = 1
Falling edge
Pulses of less than 2/fc [s] are eliminated as
noise. Pulses of 7/fc [s] or more are considered
to be signals. In the SLOW or the SLEEP mode,
pulses of less than 1/fs [s] are eliminated as
noise. Pulses of 3.5/fs [s] or more are consid-
ered to be signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com