Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 52 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 52 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 48Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 49Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 50Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 51Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 52Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 53Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 54Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 55Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 56Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 252 page
background image
Page 40
3. Interrupt Control Circuit
3.3 Interrupt Sequence
TMP86FS23UG
A maskable interrupt is not accepted until the IMF is set to “1” even if the maskable interrupt higher than the
level of current servicing interrupt is requested.
In order to utilize nested interrupt service, the IMF is set to “1” in the interrupt service program. In this case,
acceptable interrupt sources are selectively enabled by the individual interrupt enable flags.
To avoid overloaded nesting, clear the individual interrupt enable flag whose interrupt is currently serviced,
before setting IMF to “1”. As for non-maskable interrupt, keep interrupt service shorten compared with length
between interrupt requests; otherwise the status cannot be recovered as non-maskable interrupt would simply
nested.
3.3.2 Saving/restoring general-purpose registers
During interrupt acceptance processing, the program counter (PC) and the program status word (PSW,
includes IMF) are automatically saved on the stack, but the accumulator and others are not. These registers are
saved by software if necessary. When multiple interrupt services are nested, it is also necessary to avoid using
the same data memory area for saving registers. The following methods are used to save/restore the general-
purpose registers.
3.3.2.1 Using PUSH and POP instructions
If only a specific register is saved or interrupts of the same source are nested, general-purpose registers
can be saved/restored using the PUSH/POP instructions.
Figure 3-3 Save/store register using PUSH and POP instructions
3.3.2.2 Using data transfer instructions
To save only a specific register without nested interrupts, data transfer instructions are available.
Example :Save/store register using PUSH and POP instructions
PINTxx:
PUSH
WA
; Save WA register
(interrupt processing)
POP
WA
; Restore WA register
RETI
; RETURN
PCL
PCH
PSW
At acceptance of
an interrupt
At execution of
PUSH instruction
At execution of
RETI instruction
At execution of
POP instruction
b-4
b-3
b-2
b-1
b
PCL
PCH
PSW
PCL
PCH
PSW
SP
Address
(Example)
SP
SP
SP
A
W
b-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com