Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 92Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 93Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 94Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 95Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 96Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 252 page
background image
Page 84
8. 18-Bit Timer/Counter (TC1)
8.3 Function
TMP86FS23UG
Figure 8-2 Timing chart for timer mode
8.3.2 Event Counter mode
It is a mode to count up at the falling edge of the ECIN pin input. When using this mode, set
TC1CR1<TC1CK> to the external clock and then set TC1CR2<SEG> to “0” (Both edges can not be used).
The countents of TREG1A are compared with the contents of up-counter. If a match is found, an INTTC1
interrupt is generated, and the counter is cleared. Counting up resumes for ECIN pin input edge each after the
counter is cleared.
The maximum applied frequency is fc/24 [Hz] in NORMAL 1/2 or IDLE 1/2 mode and fs/24[Hz] in SLOW
or SLEEP mode . Two or more machine cycles are required for both the “H” and “L” levels of the pulse width.
Figure 8-3 Event counter mode timing chart
1
0
2
3
4
n 0
1
n-1
2
3
4
5
6
n
TREG1A
Internal clock
Up counter
Command Start
Match detect
Counter clear
INTTC1 interrupt
1
0
2
2
n-1
n
0
1
n
TREG1A
ECIN pin input
Up counter
Start
Match Detect
Counter clear
INTTC1 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com