Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 75Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 76Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 77Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 252 page
background image
Page 62
5. I/O Ports
5.6 Port P7 (P77 to P70)
TMP86FS23UG
5.6 Port P7 (P77 to P70)
Port P7 is an 8-bit input/output port which can be configured as an input or an output in one-bit unit. Port P7 is also
used as a segment output of LCD. Input/output mode is specified by the P7 control register (P7CR).
When used as an input port, the corresponding bit of P7CR and P7LCR should be cleared to “0”.
When used as an output port, the corresponding bit of P7CR should be set to “1”, and the respective P7LCR bit
should be cleared to “0”.
When used as a segment pins of LCD, the respective bit of P7LCR should be set to “1”.
During reset, the output latch (P7DR), P7CR and P7LCR are initialized to “0”.
When the bit of P7CR and P7LCR is “0”, the corresponding bit data by read instruction is a terminal input data.
When the bit of P7CR is “0” and that of P7LCR is “1”, the corresponding bit data by read instruction is always
“0“.
When the bit of P7CR is “1”, the corresponding bit data by read instruction is the value of P7DR.
Note: Asterisk (*) indicates “1” or “0” either of which can be selected.
Figure 5-7 Port P7
Table 5-9 Register Programming for Multi-function Ports
Function
Programmed Value
P7DR
P7CR
P7LCR
Port input
*
“0”
“0”
Port “0” output
“0”
“1”
“0”
Port “1” output
“1”
“1”
“0”
LCD segment output
*
*
“1”
Table 5-10 Values Read from P7DR and Register Programming
Conditions
Values Read from P7DR
P7CR
P7LCR
“0”
“0”
Terminal input data
“0”
“1”
“0”
“1”
“0”
Output latch contents
“1”
P7LCRi
Output latch
Data output (P7DRi)
LCD data output
STOP
OUTEN
P7LCRi input
P7CRi
P7CRi input
Data input (P7DRi)
P7i
Note:i=7 to 0
D
Q
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com