Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 252 page
background image
Page 7
TMP86FS23UG
P75
SEG10
41
IO
O
PORT75
LCD segment output 10
P74
SEG11
40
IO
O
PORT74
LCD segment output 11
P73
SEG12
39
IO
O
PORT73
LCD segment output 12
P72
SEG13
38
IO
O
PORT72
LCD segment output 13
P71
SEG14
37
IO
O
PORT71
LCD segment output 14
P70
SEG15
36
IO
O
PORT70
LCD segment output 15
P87
SEG0
51
IO
O
PORT87
LCD segment output 0
P86
SEG1
50
IO
O
PORT86
LCD segment output 1
P85
SEG2
49
IO
O
PORT85
LCD segment output 2
P84
SEG3
48
IO
O
PORT84
LCD segment output 3
P83
SEG4
47
IO
O
PORT83
LCD segment output 4
P82
SEG5
46
IO
O
PORT82
LCD segment output 5
P81
SEG6
45
IO
O
PORT81
LCD segment output 6
P80
SEG7
44
IO
O
PORT80
LCD segment output 7
COM3
52
O
LCD common output 3
COM2
53
O
LCD common output 2
COM1
54
O
LCD common output 1
COM0
55
O
LCD common output 0
XIN
2
I
Resonator connecting pins for high-frequency clock
XOUT
3
O
Resonator connecting pins for high-frequency clock
RESET
8
I
Reset signal
TEST
4
I
Test pin for out-going test. Normally, be fixed to low.
VAREF
11
I
Analog Base Voltage Input Pin for A/D Conversion
AVDD
10
I
Analog Power Supply
VDD
5
I
+5V
VSS
1
I
0(GND)
Table 1-1 Pin Names and Functions(3/3)
Pin Name
Pin Number
Input/Output
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com