Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 91Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 92Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 93Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 94Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 95Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 96Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 252 page
background image
Page 83
TMP86FS23UG
8.3 Function
TC1 has four operating modes. The timer mode of the TC1 is used at warm-up when switching form SLOW mode
to NORMAL2 mode.
8.3.1 Timer mode
In this mode, counting up is performed using the internal clock. The contents of TREGIA are compared with
the contents of up-counter. If a match is found, an INTTC1 interrupt is generated, and the counter is cleared.
Counting up resumes after the counter is cleared.
Note: When fc is selected for the source clock in SLOW mode, the lower bits 11 of TREG1A is invalid, and a match of the upper
bits 7 makes interrupts.
TC1 status register
TC1SR
(0016H)
7
6
54
3210
HECF
HEOVF
"0"
"0"
"0"
"0"
"0"
"0"
(Initial value: 0000 0000)
HECF
Operating Status monitor
0:
1:
Stop (during Tb) or disable
Under counting (during Ta)
Read
only
HEOVF
Counter overflow monitor
0:
1:
No overflow
Overflow status
Table 8-1 Source clock (internal clock) of Timer/Counter 1
Source Clock
Resolution
Maximum Time Setting
NORMAL1/2, IDLE1/2 Mode
SLOW Mode
SLEEP Mode
fc = 16 MHz
fs =32.768
kHz
fc = 16 MHz
fs =32.768
kHz
DV7CK = 0
DV7CK = 1
fc/223 [Hz]
fs/215 [Hz]
fs/215 [Hz]
fs/215 [Hz]
0.52 s
1 s
38.2 h
72.8 h
fc/213
fs/25
fs/25
fs/25
512 ms
0.98 ms
2.2 min
4.3 min
fc/211
fs/23
fs/23
fs/23
128 ms
244 ms
0.6 min
1.07 min
fc/27
fc/27
--
8 ms
-
2.1 s
-
fc/23
fc/23
-
-
0.5 ms
-
131.1 ms
-
fc
fc
fc (Note)
-
62.5 ns
-
16.4 ms
-
fs
fs
-
-
-
30.5 ms
-
8 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com