Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 67 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 67 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 63Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 64Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 65Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 71Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 252 page
background image
Page 55
TMP86FS23UG
5.3 Port P3 (P37 to P30)
Port P3 is a 3-bit output and a 5-bit input/output port.
It is also used as a timer/counter input/output, serial interface input/output or divider output.
When used as a timer/counter output, serial interface output or divider output, respective output latch (P3DR)
should be set to “1”.
It can be selected whether output circuit of P30 to P34 port is C-MOS output or a sink open drain individually, by
setting P3OUTCR. When a corresponding bit of P3OUTCR is “0”, the output circuit is selected to a sink open drain
and when a corresponding bit of P3OUTCR is “1”, the output circuit is selected to a C-MOS output. When used as
an input port, serial interface input or timer/counter input, respective output control (P3OUTCR) should be set to “0”
after P3DR is set to “1”. During reset, the P3DR is initialized to “1”, and the P3OUTCR is initialized to “0”.
P3 port output latch (P3DR) and P3 port terminal input (P3PRD) are located on their respective address.
When read the output latch data, the P3DR should be read and when read the terminal input data, the P3PRD reg-
ister should be read. If a read instruction is executed for the P3PRD and the P3OUTCR, read data of bits 7 to 5 are
unstable.
Figure 5-4 Port P3
Table 5-3 Register Programming for Multi-function ports (P34 to P30)
Function
Programmed Value
P3DR
P3OUTCR
Port input, serial interface input,
or timer counter input
“1”
“0”
Port “0” output
“0”
Programming
for each
applications
Port “1” output, serial interface output,
or timer counter output
“1”
Table 5-4 Register Programming for Multi-function (P37 to P35)
Function
Programmed
Value
P3DR
Port “0” output
“0”
Port “1” output, timer counter output, or divider output
“1”
Output latch
Data input (P3PRD)
Output latch read (P3DR)
Output latch read (P3DRj)
Control input
STOP
OUTEN
STOP
OUTEN
P3OUTCRi input
Control output
Control output
Data output (P3DR)
P3OUTCRi
P3i
Note: i = 4
to 0
Output latch
Data output (P3DRj)
P3j
Note: j = 7
to 5
D
Q
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com