Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 120 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 120 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 116Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 117Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 118Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 119Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 120Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 121Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 122Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 123Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 124Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 252 page
background image
Page 108
9. 8-Bit TimerCounter (TC3, TC4)
9.1 Configuration
TMP86FS23UG
9.3.9.2 High-Frequency Warm-Up Counter Mode
(SLOW1
→ SLOW2 → NORMAL2 → NORMAL1)
In this mode, the warm-up period time from a stop of the high-frequency clock fc to the oscillation sta-
bility is obtained. Before starting the timer, set SYSCR2<XEN> to 1 to oscillate the high-frequency clock.
When a match between the up-counter and the timer register (TTREG4, 3) value is detected after the timer
is started by setting TC4CR<TC4S> to 1, the counter is cleared by generating the INTTC4 interrupt
request. After stopping the timer in the INTTC4 interrupt service routine, clear SYSCR2<SYSCK> to 0 to
switch the system clock from the low-frequency to high-frequency, and then SYSCR2<XTEN> to 0 to
stop the low-frequency clock.
Table 9-9 Setting Time in High-Frequency Warm-Up Counter Mode
Minimum time (TTREG4, 3 = 0100H)
Maximum time (TTREG4, 3 = FF00H)
16
µs
4.08 ms
Example :After checking high-frequency clock oscillation stability with TC4 and 3, switching to the NORMAL1 mode
SET
(SYSCR2).7
: SYSCR2<XEN>
← 1
LD
(TC3CR), 63H
: Sets TFF3=0, source clock fs, and 16-bit mode.
LD
(TC4CR), 05H
: Sets TFF4=0, and warm-up counter mode.
LD
(TTREG3), 0F800H
: Sets the warm-up time.
(The warm-up time depends on the oscillator characteristic.)
DI
: IMF
← 0
SET
(EIRH). 4
: Enables the INTTC4.
EI
: IMF
← 1
SET
(TC4CR).3
: Starts the TC4 and 3.
:
:
PINTTC4:
CLR
(TC4CR).3
: Stops the TC4 and 3.
CLR
(SYSCR2).5
: SYSCR2<SYSCK>
← 0
(Switches the system clock to the high-frequency clock.)
CLR
(SYSCR2).6
: SYSCR2<XTEN>
← 0
(Stops the low-frequency clock.)
RETI
:
:
VINTTC4:
DW
PINTTC4
: INTTC4 vector table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com